Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP3367GR-P Arkusz danych(PDF) 18 Page - Monolithic Power Systems

Numer części MP3367GR-P
Szczegółowy opis  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GR-P Arkusz danych(HTML) 18 Page - Monolithic Power Systems

Back Button MP3367GR-P Datasheet HTML 14Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 15Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 16Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 17Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 18Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 19Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 20Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 21Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
18
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Register Mapping:
Add
D7
D6
D5
D4
D3
D2
D1
D0
00H
OTID
MODE1
MODE0
MIXTP
MIXFR
FSPMF1
FSPMF0
FSPR
01H
PSEN
TH_S1
TH_S0
FSW1
FSW0
CH2
CH1
CH0
02H
SEN
TCOMP
FT_LEDG
FT_OTP
FT_UVP
FT_OCP
FT_LEDS
FT_LEDO
03H
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Note: Leave corresponding pins floating if internal registers are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26