Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D950-CORE Arkusz danych(PDF) 41 Page - STMicroelectronics

Numer części D950-CORE
Szczegółowy opis  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Arkusz danych(HTML) 41 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 37Page - STMicroelectronics D950-CORE Datasheet HTML 38Page - STMicroelectronics D950-CORE Datasheet HTML 39Page - STMicroelectronics D950-CORE Datasheet HTML 40Page - STMicroelectronics D950-CORE Datasheet HTML 41Page - STMicroelectronics D950-CORE Datasheet HTML 42Page - STMicroelectronics D950-CORE Datasheet HTML 43Page - STMicroelectronics D950-CORE Datasheet HTML 44Page - STMicroelectronics D950-CORE Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
41/89
D950-Core
•
Immediate push (2-words/3-cycles) (second word = immediate value).
•
Push/pop
direct
addressing
mode(2-words/3-cycles)(2nd
word=direct
address).
•
Repeat block up to 216-1 times (3-words/3-cycles)(2nd word = LC, 3rd word =
LE).
•
JUMP and CALL instructions.
5.2
Register List
The registers used in the D950-Core instruction set are:
•
AX0, AX1, AY0, AY1 address pointers.
•
IX0, IX1, IX2, IX3, IY0, IY1, IY2, IY3 index registers.
•
SPX SPY stack pointers.
•
LS, LC, LE loop registers.
•
A0E, A0H, A0L, A1E, A1H, A1L accumulator registers.
•
PH, PL product registers.
•
CCR code condition register.
•
STA status register.
•
BSC barrel shifter control register.
•
PSC product shift control register.
•
DCU0CR DCU control register.
5.3
Condition List
A table of conditions is contained in Table 4.4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89