| Zakładka z wyszukiwarką danych komponentów |
|
INA128P Arkusz danych(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA128P Arkusz danych(HTML) 12 Page - Texas Instruments |
|
12 / 35 page ![]() 8 Detailed Description 8.1 Overview The INA128 and INA129 (INA12x) instrumentation amplifiers are outfitted with an input protection circuit and input buffer amplifiers. These features eliminate the need for input impedance matching and make the amplifier an excellent choice for use in measurement and test equipment. Additional characteristics of the INA12x include a very-low dc offset, low drift, low noise, very-high open-loop gain, very-high common-mode rejection ratio, and very-high input impedances. The INA12x is used where great accuracy and stability of the circuit, both short and long term, are required. 8.2 Functional Block Diagram + + –IN OUT REF + +IN Overvoltage Protection Overvoltage Protection INA128, INA129 SBOS051F – OCTOBER 1995 – REVISED MAY 2022 www.ti.com 12 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: INA128 INA129 |