Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

INA186A2IDDFRG4 Arkusz danych(PDF) 39 Page - Texas Instruments

Numer części INA186A2IDDFRG4
Szczegółowy opis  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A2IDDFRG4 Arkusz danych(HTML) 39 Page - Texas Instruments

Back Button INA186A2IDDFRG4 Datasheet HTML 35Page - Texas Instruments INA186A2IDDFRG4 Datasheet HTML 36Page - Texas Instruments INA186A2IDDFRG4 Datasheet HTML 37Page - Texas Instruments INA186A2IDDFRG4 Datasheet HTML 38Page - Texas Instruments INA186A2IDDFRG4 Datasheet HTML 39Page - Texas Instruments INA186A2IDDFRG4 Datasheet HTML 40Page - Texas Instruments INA186A2IDDFRG4 Datasheet HTML 41Page - Texas Instruments INA186A2IDDFRG4 Datasheet HTML 42Page - Texas Instruments INA186A2IDDFRG4 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.95
2.65
TYP
1.1
MAX
6X 0.65
8X
0.38
0.22
2X
1.95
0.20
0.08
TYP
0 - 8
0.1
0.0
0.25
GAGE PLANE
0.6
0.3
4X 0 -15
4X 4 -15
A
2.95
2.85
NOTE 3
B
1.65
1.55
4222047/E 07/2024
SOT-23-THIN - 1.1 mm max height
DDF0008A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
1
8
0.1
C A B
5
4
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45