Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM324PW Arkusz danych(PDF) 39 Page - Texas Instruments

Numer części LM324PW
Szczegółowy opis  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LM324PW Arkusz danych(HTML) 39 Page - Texas Instruments

Back Button LM324PW Datasheet HTML 35Page - Texas Instruments LM324PW Datasheet HTML 36Page - Texas Instruments LM324PW Datasheet HTML 37Page - Texas Instruments LM324PW Datasheet HTML 38Page - Texas Instruments LM324PW Datasheet HTML 39Page - Texas Instruments LM324PW Datasheet HTML 40Page - Texas Instruments LM324PW Datasheet HTML 41Page - Texas Instruments LM324PW Datasheet HTML 42Page - Texas Instruments LM324PW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Oct-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM2902DRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM2902KAVQDR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM2902KAVQPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902KAVQPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902KAVQPWRG4
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902KDR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM2902KNSR
SOP
NS
14
2000
330.0
16.4
8.1
10.4
2.5
12.0
16.0
Q1
LM2902KPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902KPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902KVQDR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM2902KVQPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902KVQPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902NSR
SOP
NS
14
2000
330.0
16.4
8.1
10.4
2.5
12.0
16.0
Q1
LM2902PWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM2902PWRG4
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324ADBR
SSOP
DB
14
2000
330.0
16.4
8.35
6.6
2.4
12.0
16.0
Q1
LM324ADR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM324ADR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM324ANSR
SOP
NS
14
2000
330.0
16.4
8.1
10.4
2.5
12.0
16.0
Q1
LM324APWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324APWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324APWRG4
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324APWRG4
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324BAIDR
SOIC
D
14
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM324BAIPWR
TSSOP
PW
14
3000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324BIDR
SOIC
D
14
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM324BIPWR
TSSOP
PW
14
3000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324BIRTER
WQFN
RTE
16
5000
330.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
LM324DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM324DRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM324DRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM324KADR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM324KANSR
SOP
NS
14
2000
330.0
16.4
8.1
10.4
2.5
12.0
16.0
Q1
LM324KAPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324KAPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324KDR
SOIC
D
14
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM324KNSR
SOP
NS
14
2000
330.0
16.4
8.1
10.4
2.5
12.0
16.0
Q1
LM324KPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324KPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LM324NSR
SOP
NS
14
2000
330.0
16.4
8.1
10.4
2.5
12.0
16.0
Q1
LM324PWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65