| Zakładka z wyszukiwarką danych komponentów |
|
TDA7565 Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7565 Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 19 page ![]() TDA7565 Software specifications Doc ID 9800 Rev 5 13/19 Table 7. IB2 Bit Instruction D7 Voltage converter enabled (D7 = 1) Voltage converter disabled (D7 = 0) D6 Regulated voltage selection 1 D5 Test speed D4 Stand-by on - amplifier not working - (D4 = 0) Stand-by off - amplifier working - (D4 = 1) D3 Regulated voltage selection 0) D2 To be forced to “Level 1” D1 Right channel Power amplifier working in standard mode (D1 = 0) Power amplifier working in Hi Eff. mode(D1 = 1) D0 Left channel Power amplifier working in standard mode (D0 = 0) Power amplifier working in Hi Eff. mode(D0 = 1) Table 8. DB1 Bit Instruction D7 Thermal warning D6 X D5 X D4 X D3 X D2 Offset (LF) D1 Short circuit protection (CH1) D0 X Table 9. DB2 Bit Instruction D7 Off status D6 X D5 Clip detector output D4 X D3 X D2 Offset (LR) D1 Short circuit protection (CH2) D0 X |