| Zakładka z wyszukiwarką danych komponentów |
|
EF9345 Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EF9345 Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 38 page ![]() Random access to a variable code is obviously not as easy. The EXP, KRE and CMP commands are designed to facilitate this task (figure 17). The EXP command translates a full row of variable codes into a row of expanded codes. Expanded codes are generally not displayable by very similar to the long codes. KRE gives a random access to an expanded code and makes it appear as a regular long code. The CMP command translates a full row of ex- panded code into a row of variabble codes and minimizes the file size in the process. These commands use a buffer pair as working area. Fixed Short Codes These fixed 16 bits codes achieve memory saving by another way. They may be easier to handlethan variable codes. The penalty is in lesser display capabilities : - Accentuated character sets are no longer avail- able : accentuated characters must be individu- ally provided by the character generators. - G’11 and quadrichrome sets cannot be reached. - Some attributes are latched and can be changed only while displaying a space (delimitor code). The KRG command allows an easy access from/to an 80-byte row buffer in memory to/from the micro- processor (Figure 19). Figure 20 gives the fixed short to fixed long translation process which occurs for each row - while loading the internal row buffer before display. R1 R2 R3 C B A R4 R5 R6 R7 - BF, XF D, Y B, X KRV COMMAND BA Overflow buffer D district number B (even) XF : file pointer B+ 2 Y X 039 B+ 1 = BF Figure 18 : Variable Codes in memory R1 R2 R3 A* B* W R4 R5 R6 R7 - - D, Y B, X KRG COMMAND A* B* District B (even) B+ 1 Y X 039 Figure 19 : Fixed Short Codes in Memory 80 EF9345 20/38 |