| Zakładka z wyszukiwarką danych komponentów |
|
LM5166DRCT Arkusz danych(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5166DRCT Arkusz danych(HTML) 49 Page - Texas Instruments |
|
49 / 57 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Jul-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM5166DRCR Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 150 5166 LM5166DRCR.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 150 5166 LM5166DRCRG4 Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 150 5166 LM5166DRCRG4.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 150 5166 LM5166DRCT Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 150 5166 LM5166DRCT.A Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 150 5166 LM5166DRCT.B Active Production VSON (DRC) | 10 250 | SMALL T&R - NIPDAU Level-2-260C-1 YEAR -40 to 150 5166 LM5166XDRCR Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes Call TI | Nipdau Level-1-260C-UNLIM -40 to 150 5166X LM5166XDRCR.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes Call TI Level-1-260C-UNLIM -40 to 150 5166X LM5166XDRCR.B Active Production VSON (DRC) | 10 3000 | LARGE T&R - Call TI Level-1-260C-UNLIM -40 to 150 5166X LM5166XDRCT Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 150 5166X LM5166XDRCT.A Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 150 5166X LM5166YDRCR Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 150 5166Y LM5166YDRCR.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 150 5166Y LM5166YDRCR.B Active Production VSON (DRC) | 10 3000 | LARGE T&R - NIPDAU Level-1-260C-UNLIM -40 to 150 5166Y LM5166YDRCRG4 Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 150 5166Y LM5166YDRCRG4.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 150 5166Y LM5166YDRCT Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 150 5166Y LM5166YDRCT.A Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 150 5166Y (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |