| Zakładka z wyszukiwarką danych komponentów |
|
LM393DGKR Arkusz danych(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM393DGKR Arkusz danych(HTML) 27 Page - Texas Instruments |
|
27 / 56 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM393BIPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIPWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393DGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (M9P, M9S, M9U) LM393DGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (M9P, M9S, M9U) LM393DGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R - Call TI Call TI 0 to 70 LM393DR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LM393 LM393DR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LM393 LM393DRG3 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 LM393 LM393DRG3.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 LM393 LM393DRG4 Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 LM393 LM393P Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU | SN N/A for Pkg Type 0 to 70 LM393P LM393P.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM393P LM393P.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM393P LM393PE3 Active Production PDIP (P) | 8 50 | TUBE Yes SN N/A for Pkg Type 0 to 70 LM393P LM393PE3.A Active Production PDIP (P) | 8 50 | TUBE Yes SN N/A for Pkg Type 0 to 70 LM393P LM393PE4 Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM393P LM393PE4.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM393P LM393PE4.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM393P LM393PS Active Production SO (PS) | 8 80 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PS.A Active Production SO (PS) | 8 80 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PSRG4 Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PWRG3 Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 L393 LM393PWRG3.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 L393 LM393PWRG4 Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 LM393PWRG4.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393 Addendum-Page 5 |