| Zakładka z wyszukiwarką danych komponentów |
|
SPC58NG80C3 Arkusz danych(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NG80C3 Arkusz danych(HTML) 71 Page - STMicroelectronics |
|
71 / 139 page ![]() DS11758 Rev 6 71/139 SPC584Gx, SPC58EGx, SPC58NGx Electrical characteristics 73 Figure 15. Voltage monitor threshold definition VDD_xxx HVD TRIGGER TVMFILTER VLVD TVMFILTER VHVD LVD TRIGGER TVMFILTER TVMFILTER (INTERNAL) (INTERNAL) Table 39. Voltage monitor electrical characteristics Symbol C Supply/Parameter(1) Conditions Value(2) Unit Min Typ Max PowerOn Reset HV VPOR200_C CC P VDD_HV_IO_MAIN — 1.80 2.18 2.40 V Minimum Voltage Detectors HV VMVD270_C CC P VDD_HV_IO_MAIN — 2.71 2.76 2.80 V VMVD270_F CC P VDD_HV_FLA — 2.71 2.76 2.80 V VMVD270_SBY CC P VDD_HV_IO_MAIN (in Standby) — 2.71 2.76 2.80 V Low Voltage Detectors HV VLVD290_C CC P VDD_HV_IO_MAIN — 2.89 2.94 2.99 V VLVD290_F CC P VDD_HV_FLA — 2.89 2.94 2.99 V VLVD290_AD CC P VDD_HV_ADV (ADCSD pad) — 2.89 2.94 2.99 V VLVD290_AS CC P VDD_HV_ADV (ADCSAR pad) — 2.89 2.94 2.99 V VLVD290_IJ CC P VDD_HV_IO_JTAG — 2.89 2.94 2.99 V |