Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7375AV Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części TDA7375AV
Szczegółowy opis  2 x 37 W dual/quad power amplifier for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AV Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button TDA7375AV Datasheet HTML 12Page - STMicroelectronics TDA7375AV Datasheet HTML 13Page - STMicroelectronics TDA7375AV Datasheet HTML 14Page - STMicroelectronics TDA7375AV Datasheet HTML 15Page - STMicroelectronics TDA7375AV Datasheet HTML 16Page - STMicroelectronics TDA7375AV Datasheet HTML 17Page - STMicroelectronics TDA7375AV Datasheet HTML 18Page - STMicroelectronics TDA7375AV Datasheet HTML 19Page - STMicroelectronics TDA7375AV Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Functional description
TDA7375AV
16/20
Doc ID 6325 Rev 5
Figure 25.
Output fault waveforms (see Figure 26)
Figure 26.
Fault waveforms
4.7
Handling of the diagnostics information
As various kinds of information are available at the same pin (clipping detection, output fault,
thermal proximity), this signal must be handled properly in order to discriminate each event.
This could be done by taking into account the different timing of the diagnostic output during
each case.
Normally the clip detector signalling produces a low level at pin 10 that is shorter referred to
every kind of fault detection; based on this assumption an interface circuitry to differentiate
the information is represented in the following schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20