Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EFS21-TL5 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części EFS21-TL5
Szczegółowy opis  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS21-TL5 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button EFS21-TL5 Datasheet HTML 2Page - STMicroelectronics EFS21-TL5 Datasheet HTML 3Page - STMicroelectronics EFS21-TL5 Datasheet HTML 4Page - STMicroelectronics EFS21-TL5 Datasheet HTML 5Page - STMicroelectronics EFS21-TL5 Datasheet HTML 6Page - STMicroelectronics EFS21-TL5 Datasheet HTML 7Page - STMicroelectronics EFS21-TL5 Datasheet HTML 8Page - STMicroelectronics EFS21-TL5 Datasheet HTML 9Page - STMicroelectronics EFS21-TL5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EFS
6/14
3
2
1
FLUORESCENT
TUBE
220V / 50HZ
BALLAST
V strike
The mains voltage is applied
Preheating of the tube
Striking of the tube
PREHEAT
EFS STARLIGHT-KIT APPLICATION NOTE
he Starter is a bi-directional switch which performs two functions:
n
the preheat of the tube,
n
the ignition of the tube.
1/ THE AC POWER SWITCH: FUNCTIONAL DESCRIPTION
During the preheat period, the ASD
™ is fully
conducting. The tube lamp is short circuited by the
starter, and the current flows through its filaments.
In these conditions, the lamp can not light up, but
the temperature of the lamp electrodes increases.
At the end of the preheat period, lamp filaments
are warm enough to emit electrons in the gas and
to permit the lamp ignition in good conditions. The
ASD
™ switches off the preheating current . At this
moment, the ballast is equivalent to a current
generator (I=ISO, ISO = Switched Off current). As
the ASD
™ switches off, the starter voltage
increases. The amplitude of this high voltage spike
is then clamped by the ASD
™ (VBR′1350 V). As
the starter and the lamp are in parallel, the striking
pulse is directly applied to the lamp. The
electromagnetic energy of the ballast is then
discharged through the lamp and the ASD
™.
Striking pulse
The AC SWITCH merges an auxiliary power
supply for the driver, a power clamping device
(1350V) and a bi-directional switch with his
execution pilot block.
2/ WHAT’S NEW IN THIS SWITCH?
GND
Vcc
G2
TUBE
G1
Power supply
ON / OFF
DRIVER
NEW EFS ASD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14