| Zakładka z wyszukiwarką danych komponentów |
|
LMV341 Arkusz danych(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV341 Arkusz danych(HTML) 20 Page - Texas Instruments |
|
20 / 42 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LMV341IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (RC9A, RC9E, RC9S) LMV341IDBVR.A Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (RC9A, RC9E, RC9S) LMV341IDBVRE4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 LMV341IDBVRG4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 LMV341IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes Call TI Level-1-260C-UNLIM -40 to 125 (R4A, R4E) LMV341IDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes Call TI Level-1-260C-UNLIM -40 to 125 (R4A, R4E) LMV341IDCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (R4A, R4E) LMV341IDCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (R4A, R4E) LMV342ID Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 125 MV342I LMV342IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 RPA LMV342IDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 RPA LMV342IDGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R - Call TI Call TI -40 to 125 LMV342IDGKT Preview Production VSSOP (DGK) | 8 250 | SMALL T&R - Call TI Call TI -40 to 125 LMV342IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 MV342I LMV342IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 MV342I LMV342IDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -40 to 125 LMV344ID Obsolete Production SOIC (D) | 14 - - Call TI Call TI -40 to 125 LMV344I LMV344IDR Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LMV344I LMV344IDR.A Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LMV344I LMV344IPW Obsolete Production TSSOP (PW) | 14 - - Call TI Call TI -40 to 125 MV344I LMV344IPWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 MV344I LMV344IPWR.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 MV344I LMV344IPWRG4 Active Production TSSOP (PW) | 14 2000 | LARGE T&R - Call TI Call TI -40 to 125 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. Addendum-Page 1 |