| Zakładka z wyszukiwarką danych komponentów |
|
MSP430F14X Arkusz danych(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F14X Arkusz danych(HTML) 68 Page - Texas Instruments |
|
68 / 88 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) MSP430F147IPAG.A Active Production TQFP (PAG) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F147 REV # MSP430F147IPAG.B Active Production TQFP (PAG) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F147 REV # MSP430F147IPM Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # MSP430F147IPM.A Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # MSP430F147IPM.B Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # MSP430F147IPMR Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # MSP430F147IPMR-KAM Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # MSP430F147IPMR.A Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # MSP430F147IPMR.B Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # MSP430F147IPMRG4 Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F147 REV # MSP430F147IRTDR Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F147 MSP430F147IRTDR.A Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F147 MSP430F147IRTDR.B Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F147 MSP430F147IRTDT Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F147 MSP430F147IRTDT.A Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F147 MSP430F147IRTDT.B Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F147 MSP430F1481IPM Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1481 MSP430F1481IPM.A Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1481 MSP430F1481IPM.B Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1481 MSP430F1481IPMR Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1481 MSP430F1481IPMR.A Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1481 Addendum-Page 3 |