| Zakładka z wyszukiwarką danych komponentów |
|
MSP430 Arkusz danych(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 Arkusz danych(HTML) 70 Page - Texas Instruments |
|
70 / 96 page ![]() 70 MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233 MSP430G2403, MSP430G2303, MSP430G2203 SLAS734G – APRIL 2011 – REVISED APRIL 2016 www.ti.com Submit Documentation Feedback Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303 MSP430G2203 Device and Documentation Support Copyright © 2011–2016, Texas Instruments Incorporated General Oversampling of MSP ADCs for Higher Resolution Multiple MSP ultra-low-power microcontrollers offer analog-to-digital converters (ADCs) to convert physical quantities into digital numbers, a function that is widely used across numerous applications. There are times, however, when a customer design demands a higher resolution than the ADC of the selected MSP can offer. This application report, which is based on the previously-published Oversampling the ADC12 for Higher Resolution (SLAA323), therefore describes how an oversampling method can be incorporated to increase ADC resolution past the currently available number of bits. Capacitive Touch Hardware Design Guide Capacitive touch detection is sometimes considered more art than science. This often results in multiple design iterations before the optimum performance is achieved. There are, however, good design practices for circuit layout and principles of materials that need to be understood to keep the number of iterations to a minimum. This design guide describes a process for creating and designing capacitive touch solutions, starting with the schematic, working through the mechanicals, and finally designing the electrodes for the application. Capacitive Touch Sensing, MSP430 Slider and Wheel Tuning Guide This application report provides guidelines on how to tune capacitive touch sliders and wheels running on the MSP430™ microcontrollers. It identifies the hardware and software parameters as well as explains the steps used in tuning sliders and wheels. The slider and wheel tuning is based on the APIs defined in the Capacitive Touch Sense Library (CAPSENSELIBRARY). Capacitive Touch Sensing, MSP430 Button Gate Time Optimization and Tuning Guide MSP430™ microcontroller based capacitive touch buttons can offer increased performance when properly optimized and tuned for their specific application. Performance benefits that result from button optimization can include, but are not limited to, decreased power consumption, improved response time, and the ability to grow a design to include more buttons. This application report provides the reader with a starting point for button design at the system and software level. 7.5 Related Links Table 7-2 lists quick access links. Categories include technical documents, support and community resources, tools and software, and quick access to sample or buy. Table 7-2. Related Links PARTS PRODUCT FOLDER SAMPLE & BUY TECHNICAL DOCUMENTS TOOLS & SOFTWARE SUPPORT & COMMUNITY MSP430G2533 Click here Click here Click here Click here Click here MSP430G2433 Click here Click here Click here Click here Click here MSP430G2333 Click here Click here Click here Click here Click here MSP430G2233 Click here Click here Click here Click here Click here MSP430G2403 Click here Click here Click here Click here Click here MSP430G2303 Click here Click here Click here Click here Click here MSP430G2203 Click here Click here Click here Click here Click here |