| Zakładka z wyszukiwarką danych komponentów |
|
STPS10H100SFY Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS10H100SFY Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() 1.1 Characteristics (curves) Figure 1. Average forward current versus case temperature (δ = 0.5) 0 5 10 15 20 25 30 35 40 0 25 50 75 100 125 150 175 Tc(°C) IF(AV)(A) T δ=tp/T tp Figure 2. Relative variation of thermal impedance junction to case versus pulse duration 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.E-04 1.E-03 1.E-02 1.E-01 1.E+00 tP(s) Zth(j-c) /Rth(j-c) Single pulse Figure 3. Reverse leakage current versus reverse voltage applied (typical values) 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 0 10 20 30 40 50 60 70 80 90 100 VR(V) IR(µA) Tj = 150 °C Tj = 25 °C Tj = 100 °C Tj = 75 °C Tj = 50 °C Tj = 125 °C Figure 4. Junction capacitance versus reverse voltage applied (typical values) 10 100 1000 1 10 100 VR(V) C(pF) F = 1 MHz VOSC = 30 mVRMS Tj = 25 °C STPS10H100SFY Characteristics (curves) DS12906 - Rev 1 page 3/11 |