Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPS10L40CSF Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STPS10L40CSF
Szczegółowy opis  40 V, 2 x 5 A low forward voltage power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L40CSF Arkusz danych(HTML) 3 Page - STMicroelectronics

  STPS10L40CSF Datasheet HTML 1Page - STMicroelectronics STPS10L40CSF Datasheet HTML 2Page - STMicroelectronics STPS10L40CSF Datasheet HTML 3Page - STMicroelectronics STPS10L40CSF Datasheet HTML 4Page - STMicroelectronics STPS10L40CSF Datasheet HTML 5Page - STMicroelectronics STPS10L40CSF Datasheet HTML 6Page - STMicroelectronics STPS10L40CSF Datasheet HTML 7Page - STMicroelectronics STPS10L40CSF Datasheet HTML 8Page - STMicroelectronics STPS10L40CSF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward current versus case
temperature (δ = 0.5, per diode)
0
5
10
15
20
25
0
25
50
75
100
125
150
Tc(°C)
IF(AV)(A)
T
δ=tp/T
tp
Figure 2. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tP(s)
Zth(j-c) /Rth(j-c)
Single pulse
Figure 3. Reverse leakage current versus reverse voltage
applied (typical values, per diode)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
VR(V)
I
R(mA)
Tj = 25 °C
Tj = 100 °C
Tj = 75 °C
Tj = 50 °C
Tj = 125 °C
Figure 4. Junction capacitance versus reverse voltage
applied (typical values, per diode)
100
1000
1
10
100
C(pF)
F = 1 MHz
OSC = 30 mVRMS
Tj = 25 °C
V
VR(V)
Figure 5. Forward voltage drop versus forward current
(typical values, per diode)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VF(V)
IF(A)
Tj = 125 °C
Tj = 75 °C
Tj = 150 °C
Tj = 25 °C
Figure 6. Thermal resistance junction to ambient versus
copper surface under tab (typical values, epoxy printed
board FR4, eCu= 70 µm)
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
SCu(cm²)
Rth(j-a) (°C/W)
PSMC (TO-277A)
Epoxy printed board FR4, copper thickness: 70 μm
STPS10L40CSF
Characteristics (curves)
DS13739 - Rev 1
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9