Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPA202IDBVR Arkusz danych(PDF) 36 Page - Texas Instruments

Numer części OPA202IDBVR
Szczegółowy opis  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

OPA202IDBVR Arkusz danych(HTML) 36 Page - Texas Instruments

Back Button OPA202IDBVR Datasheet HTML 32Page - Texas Instruments OPA202IDBVR Datasheet HTML 33Page - Texas Instruments OPA202IDBVR Datasheet HTML 34Page - Texas Instruments OPA202IDBVR Datasheet HTML 35Page - Texas Instruments OPA202IDBVR Datasheet HTML 36Page - Texas Instruments OPA202IDBVR Datasheet HTML 37Page - Texas Instruments OPA202IDBVR Datasheet HTML 38Page - Texas Instruments OPA202IDBVR Datasheet HTML 39Page - Texas Instruments OPA202IDBVR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Oct-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OPA202IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
OPA202IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
OPA202IDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.25
3.35
1.25
8.0
12.0
Q1
OPA202IDGKT
VSSOP
DGK
8
250
330.0
12.4
5.25
3.35
1.25
8.0
12.0
Q1
OPA202IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
OPA2202IDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2202IDGKT
VSSOP
DGK
8
250
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2202IDGKT
VSSOP
DGK
8
250
330.0
12.4
5.25
3.35
1.25
8.0
12.0
Q1
OPA2202IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
OPA2202IDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
OPA4202IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
OPA4202IPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54