| Zakładka z wyszukiwarką danych komponentów |
|
M41ST87WMX6F Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87WMX6F Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 54 page ![]() Description M41ST87W 8/54 DocID9497 Rev 11 Figure 2: 28-pin, 300 mil SOIC connections Note: No function (NF) and no connect (NC) pins should be tied to VSS. Pins 1, 2, 3, and 4 are internally shorted together. Figure 3: 20-pin, SSOP connections Note: No connect (NC) pin should be tied to VSS. 8 2 3 4 5 6 7 9 10 11 12 13 14 22 21 20 19 18 17 16 15 28 27 26 25 24 23 1 RSTIN1 RSTIN2 PFI 2 NF NC SQW/FT WDI NF NC IRQ/OUT F 32k V OUT TP1 IN EX PFI 1 SCL TP CLR PFO 1 E CON V SS V BAT TP2 IN S DA RST NF NF V CC M41ST87Y M41ST87W PFO 2 8 2 3 4 5 6 7 9 10 14 13 12 11 20 19 18 17 16 15 1 RSTIN1 XO SQW/FT PFI 2 IRQ/OUT F 32k V OUT TP1 IN PFI 1 SCL NC PFO 1 V SS V BAT TP2 IN S DA RST XI V CC M41ST87Y M41ST87W PFO 2 |