| Zakładka z wyszukiwarką danych komponentów |
|
REF5050ID Arkusz danych(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5050ID Arkusz danych(HTML) 27 Page - Texas Instruments |
|
27 / 52 page ![]() 200mV more than the output voltage in an unloaded condition. For loaded conditions, Figure 6-6 shows a typical dropout voltage versus load plot. 8.4.3 Negative Reference Voltage For applications requiring a negative and positive reference voltage, use REF50xx and OPA735 to provide a dual-supply reference from a 5V supply. Figure 8-7 shows the REF5025 used to provide a 2.5V supply reference voltage. The low-drift performance of the REF50xx complements the low offset voltage and zero drift of the OPA735 to provide an accurate solution for split-supply applications. Verify that the temperature coefficients of R1 and R2 match. - 2.5V +2.5V +5V NOTE:Bypasscapacitorsnotshown. R 1 10kW R 2 10kW - 5V OPA735 +5V DNC TEMP V OUT V IN GND DNC NC TRIM/NR REF5025 1 F m Figure 8-7. REF5025 and OPA735 Create Positive and Negative Reference Voltages www.ti.com REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: REF50 REF50E |