Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SNX4AHCT240 Arkusz danych(PDF) 40 Page - Texas Instruments

Numer części SNX4AHCT240
Szczegółowy opis  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

SNX4AHCT240 Arkusz danych(HTML) 40 Page - Texas Instruments

Back Button SNX4AHCT240 Datasheet HTML 35Page - Texas Instruments SNX4AHCT240 Datasheet HTML 36Page - Texas Instruments SNX4AHCT240 Datasheet HTML 37Page - Texas Instruments SNX4AHCT240 Datasheet HTML 38Page - Texas Instruments SNX4AHCT240 Datasheet HTML 39Page - Texas Instruments SNX4AHCT240 Datasheet HTML 40Page - Texas Instruments SNX4AHCT240 Datasheet HTML 41Page - Texas Instruments SNX4AHCT240 Datasheet HTML 42Page - Texas Instruments SNX4AHCT240 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
www.ti.com
PACKAGE OUTLINE
C
18X 0.5
2X 4.5
20X
0.275
0.165
5.1
4.7
TYP
0.15
0.05
0.25
GAGE PLANE
0 -8
4X (0 -15 )
4X (7 -15 )
1.1 MAX
B
3.1
2.9
A
5.2
5.0
NOTE 3
0.7
0.4
(0.15) TYP
VSSOP - 1.1 mm max height
DGS0020A
SMALL OUTLINE PACKAGE
4226367/A 10/2020
1
10
11
20
0.1
C A B
PIN 1 INDEX
AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. No JEDEC registration as of September 2020.
5. Features may differ or may not be present.
SEATING
PLANE
PowerPAD is a trademark of Texas Instruments.
A 20
DETAIL A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com