| Zakładka z wyszukiwarką danych komponentów |
|
L93PI Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L93PI Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 8 page ![]() THERMAL DATA Symbol Parameter SO20 (2) SO(12+4+4) (1) Unit Rth (j-pins) Thermal resistance junction to pin – 14 (Typ.) °C/W Rth (j-amb) Thermal resistance junction to ambient mounted on SMPCB2 board 77 to 97 – °C/W TjMon Temperature-monitoring Switch-off-level Switch-on-level 160 to 190 140 to 170 °C °C (1) See SGS-THOMSON Microelectronics databook:"Thermal Management in Surface Mount Technology" (2) See SGS-THOMSON Microelectronics databook:"Thermal characteristics of SO20" OPERATING CONDITIONS (The electrical characteristics are valid within the below defined operating ranges, unless otherwise specified. The function will be guaranted by design until TjMON switch-OFF-level. Symbol Parameter Value Unit VS Supply Voltage 4.5 to 40 V VIN Input pin voltage -24 to 10 V VEN Enable pin voltage -24 to 45 V VOUT, VD Output pin voltage -0.3 to 45 V Tj Junction temperature -40 to 150 °C ELECTRICAL CHARACTERISTICS (Refer to the test circuit, unless otherwise specified.) Symbol Parameter Test Condition Min. Typ. Max. Unit IQ Quiescent current -0.3V ≤ VEN ≤ 0.5V; VS = 14V; Tj = 85 °C <2 10 µA EN = high; VS ≤ 14V 1.5 2 mA Inputs IN1 - IN4, PRG VINIlow Input voltage LOW -24 2.0 V VINhigh Input voltage HIGH 2.8 45 V IIN Input current -24V ≤ Vi ≤ 10V -10 15 µA Enable Input EN VENlow Input voltage LOW -24 1 V VENhigh Input voltage HIGH 3.2 VS V REN Input impedance -24V < Vi < 2.5V 10 K Ω IEN Input current 2.5V ≤ Vi ≤ 25V 20 50 µA Outputs OUT1-OUT4 RDSon Output ON-resistor to ground VS ≥ 6V, IO = 0.3A Tj = 25 °C Tj = 125 °C 1.7 2.3 3.5 Ω Ω IOLeak Leakage current VO = VS = 14V; Tj = 85 °C ≤15 µA VOClamp Output voltage during clamping time < 200 µs; 10mA ≤ Io ≤ 0.3A 45 52 60 V IOSC Short-circuit current 400 700 1200 mA CO Internal output capacities VO ≥ 4.5V 100 pF Diagnostic output DIAG VDlow Output voltage LOW IDL ≤ 1mA 0.3 0.5 V IDmax Max. Output current Internal current limitation 1 5 15 mA IDleak Leakage current VS = 14V; TJ = 85 °C ≤ 0.1 1 µA L93PI 3/8 |