Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L99DZ320 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części L99DZ320
Szczegółowy opis  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Arkusz danych(HTML) 2 Page - STMicroelectronics

  L99DZ320 Datasheet HTML 1Page - STMicroelectronics L99DZ320 Datasheet HTML 2Page - STMicroelectronics L99DZ320 Datasheet HTML 3Page - STMicroelectronics L99DZ320 Datasheet HTML 4Page - STMicroelectronics L99DZ320 Datasheet HTML 5Page - STMicroelectronics L99DZ320 Datasheet HTML 6Page - STMicroelectronics L99DZ320 Datasheet HTML 7Page - STMicroelectronics L99DZ320 Datasheet HTML 8Page - STMicroelectronics L99DZ320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 146 page
background image
Description
The L99DZ320 is a door zone system IC providing electronic control modules with enhanced power management
power supply functionality, including various standby modes, as well as LIN and CAN FD physical communication
layers. The device has two low drop voltage regulators to supply the system microcontroller and external
peripheral loads such as sensors and provide enhanced system standby functionality with programmable local
and remote wake-up capability. Moreover, the 9 high-side drivers (8 to supply LEDs and 1 to supply bulbs)
increase the system integration level; all the high-side drivers support the constant current mode for LED module
with high input capacitance. Up to 3 DC motors and 4 external MOS transistors in H-bridge configuration can be
driven in PWM mode up to 25 kHz. All the outputs are SC protected and implement an open-load diagnosis. The
ST standard SPI interface (4.0) allows control and diagnosis of the device and enables generic software
development.
L99DZ320
DS14235 - Rev 5
page 2/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More