| Zakładka z wyszukiwarką danych komponentów |
|
ICS345RIPLF Arkusz danych(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS345RIPLF Arkusz danych(HTML) 8 Page - Integrated Device Technology |
|
8 / 9 page ![]() ICS345 TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER EPROM CLOCK SYNTHESIZER IDT™ / ICS™ TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER 8 ICS345 REV K 110207 Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. The ICS345R-XX, ICS345R-XXLF, ICS345RI-XX, and ICS345RI-XXLF are factory programmed versions of the ICS345RP, ICS345RPLF, ICS345RIP, and ICS345RIPLF. A unique “-XX” suffix is assigned by the factory for each custom configuration, and a separate data sheet is kept on file. For more information on custom part numbers programmed at the factory, please contact your local IDT sales and marketing representative. While the information presented herein has been checked for both accuracy and reliability, IDT assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS345RP ICS345RP Tubes 20-pin SSOP 0 to +70 ° C ICS345RPT ICS345RP Tape and Reel 20-pin SSOP 0 to +70 ° C ICS345RIP ICS345RIP Tubes 20-pin SSOP -40 to +85 ° C ICS345RIPT ICS345RIP Tape and Reel 20-pin SSOP -40 to +85 ° C ICS345RPLF ICS345RPLF Tubes 20-pin SSOP 0 to +70 ° C ICS345RPLFT ICS345RPLF Tape and Reel 20-pin SSOP 0 to +70 ° C ICS345RIPLF ICS345RIPLF Tubes 20-pin SSOP -40 to +85 ° C ICS345RIPLFT ICS345RIPLF Tape and Reel 20-pin SSOP -40 to +85 ° C ICS345R-XX ICS345R-XX Tubes 20-pin SSOP 0 to +70 ° C ICS345R-XXT ICS345R-XX Tape and Reel 20-pin SSOP 0 to +70 ° C ICS345RI-XX ICS345RI-XX Tubes 20-pin SSOP -40 to +85 ° C ICS345RI-XXT ICS345RI-XX Tape and Reel 20-pin SSOP -40 to +85 ° C ICS345R-XXLF 345R-XXLF Tubes 20-pin SSOP 0 to +70 ° C ICS345R-XXLFT 345R-XXLF Tape and Reel 20-pin SSOP 0 to +70 ° C ICS345RI-XXLF 345RI-XXLF Tubes 20-pin SSOP -40 to +85 ° C ICS345RI-XXLFT 345RI-XXLF Tape and Reel 20-pin SSOP -40 to +85 ° C |