| Zakładka z wyszukiwarką danych komponentów |
|
ETC5067FN-X Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ETC5067FN-X Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() PIN DESCRIPTION Name Pi n Type (*) N Description VPO + O 1 The Non-inverting Output of the Receive Power Amplifier GNDA GND 2 Analog Ground. All signals are referenced to this pin. VPO - O 3 The Inverting Output of the Receive Power Amplifier VPI I 4 Inverting Input to the Receive Power Amplifier. Also powers down both amplifiers when connected to VBB. VFRO O 5 Analog Output of the Receive Filter. VCC S 6 Positive Power Supply Pin. VCC =+5V ±5% FSR I 7 Receive Frame Sync Pulse which enable BCLKR to shift PCM data into DR.FSR is an 8KHz pulse train. See figures 1 and 2 for timing details. DR I 8 Receive Data Input. PCM data is shifted into DR following the FSR leading edge BCLKR/CLKSEL I 9 The bit Clock which shifts data into DR after the FSR leading edge. May vary from 64KHz to 2.048MHz. Alternatively, may be a logic input which selects either 1.536MHz/1.544MHz or 2.048MHz for master clock in synchronous mode and BCLKX is used for both transmit and receive directions (see table 1). This input has an internal pull-up. MCKLR/PDN I 10 Receive Master Clock. Must be 1.536MHz, 1.544MHz or 2.048MHz. May be asynchronous with MCLKX, but should be synchronous with MCLKX for best performance. When MCLKR is connected continuously low, MCLKX is selected for all internal timing. When MCLKR is connected continuously high, the device is powered down. MCLKX I 11 Transmit Master Clock. Must be 1.536MHz, 1.544MHz or 2.048MHz. May be asynchronous with MCLKR. BCLKX I 12 The bit clock which shifts out the PCM data on DX. May vary from 64KHz to 2.048MHz, but must be synchronous with MCLKX. DX O 13 The TRI-STAT E ®PCM data output which is enabled by FSX. FSX I 14 Transmit frame sync pulse input which enables BCLKX to shift out the PCM data on DX.FSX is an 8KHz pulse train. See figures 1 and 2 for timing details. TSX O 15 Open drain output which pulses low during the encoder time slot. Must to be grounded if not used. ANLB I 16 Analog Loopback Control Input. Must be set to logic ’0’ for normal operation. When pulled to logic ’1’, the transmit filter input is disconnected from the output of the transmit preamplifier and connected to the VPO + output of the receive power amplifier. GSX O 17 Analog output of the transmit input amplifier. Used to set gain externally. VFXI - I 18 Inverting input of the transmit input amplifier. VFXI + I 19 Non-inverting input of the transmit input amplifier. VBB S 20 Negative Power Supply Pin. VBB = -5V ±5% (*) I: Input, O: Output, S: Power Supply. TRI- STATE ® is a trademark of National Semiconductor Corp. ETC5064 - ETC5064-X - ETC5067 - ETC5067-X 3/18 |