Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2AD2TBA2M2CE Arkusz danych(PDF) 5 Page - Multicomp Pro

Numer części 2AD2TBA2M2CE
Szczegółowy opis  2A Series Sealed Sub-Miniature Toggle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2AD2TBA2M2CE Arkusz danych(HTML) 5 Page - Multicomp Pro

  2AD2TBA2M2CE Datasheet HTML 1Page - Multicomp Pro 2AD2TBA2M2CE Datasheet HTML 2Page - Multicomp Pro 2AD2TBA2M2CE Datasheet HTML 3Page - Multicomp Pro 2AD2TBA2M2CE Datasheet HTML 4Page - Multicomp Pro 2AD2TBA2M2CE Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <5>
V1.0
16/02/18
2A Series
Sealed Sub-Miniature Toggle Switches
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Explanation
Soldering Processes
Manual Soldering : Use soldering iron of 30 watts, controlled at 350°C approximately 5 seconds while applying solder.
Wave Soldering : Recommended Soldering Temperature: 270 ± 5°C Duration of Solder Immersion: Max 5 sec.
(PCB is 1.6mm in thickness)



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com