Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT32D Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74ACT32D
Szczegółowy opis  SN74ACT32 Quadruple 2-Input Positive-or Gates
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT32D Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74ACT32D Datasheet HTML 2Page - Texas Instruments SN74ACT32D Datasheet HTML 3Page - Texas Instruments SN74ACT32D Datasheet HTML 4Page - Texas Instruments SN74ACT32D Datasheet HTML 5Page - Texas Instruments SN74ACT32D Datasheet HTML 6Page - Texas Instruments SN74ACT32D Datasheet HTML 7Page - Texas Instruments SN74ACT32D Datasheet HTML 8Page - Texas Instruments SN74ACT32D Datasheet HTML 9Page - Texas Instruments SN74ACT32D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
4.3 Thermal Information
THERMAL METRIC(1)
SN74ACT32
BQA
(WQFN)
D (SOIC)
DB (SSOP)
N (PDIP)
NS (SOP)
PW
(TSSOP)
UNIT
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient
thermal resistance
91.3
119.9
96
80
76
145.7
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
99.4
—
—
—
—
—
°C/W
RθJB
Junction-to-board
thermal resistance
61.0
—
—
—
—
—
°C/W
ψJT
Junction-to-top
characterization parameter
14.5
—
—
—
—
—
°C/W
ψJB
Junction-to-board characterization
parameter
60.8
—
—
—
—
—
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
37.0
—
—
—
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
note.
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN74ACT32
UNIT
MIN
TYP
MAX
MIN
MAX
VOH
IOH = –50µA
4.5V
4.4
4.4
V
5.5V
5.4
5.4
IOH = –24mA
4.5V
3.86
3.76
5.5V
4.86
4.76
IOH = –50mA
(1)
5.5V
IOH = –75mA
(1)
5.5V
3.85
VOL
IOL = 50µA
4.5V
0.001
0.1
0.1
V
5.5V
0.001
0.1
0.1
IOL = 24mA
5.5V
0.36
0.44
5.5V
0.36
0.44
IOL = 50mA
(1)
5.5V
IOL = 75mA
(1)
5.5V
1.65
II
VI = VCC or GND
5.5V
±0.1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5V
2
20
µA
ΔICC
(2)
One input at 3.4V, Other inputs at VCC
or GND
5.5V
0.6
1.5
mA
Ci
VI = VCC or GND
5V
2.6
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2ms.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0V or VCC.
SN74ACT32
SCAS530E – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN74ACT32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com