| Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC2G17DBVT.B Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G17DBVT.B Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC2G17DBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C175, C17F, C17K, C17R) SN74LVC2G17DBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C175, C17F, C17K, C17R) SN74LVC2G17DBVRG4.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C17F, C17R) SN74LVC2G17DBVT Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C175, C17F, C17K, C17R) SN74LVC2G17DBVT.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C175, C17F, C17K, C17R) SN74LVC2G17DBVTG4 Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C17F, C17R) SN74LVC2G17DBVTG4.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C17F, C17R) SN74LVC2G17DCK3 Last Time Buy Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 85 (C7F, C7Z) SN74LVC2G17DCK3.B Last Time Buy Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 85 (C7F, C7Z) SN74LVC2G17DCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C75, C7F, C7J, C7 K, C7R) SN74LVC2G17DCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C75, C7F, C7J, C7 K, C7R) SN74LVC2G17DCKRE4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C75 SN74LVC2G17DCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C75 SN74LVC2G17DCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C75 SN74LVC2G17DCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C75, C7F, C7J, C7 K, C7R) SN74LVC2G17DCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C75, C7F, C7J, C7 K, C7R) SN74LVC2G17DCKTE4 Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C75 SN74LVC2G17DCKTG4 Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C75 SN74LVC2G17DCKTG4.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C75 SN74LVC2G17DRYR Active Production SON (DRY) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C7 SN74LVC2G17DRYR.B Active Production SON (DRY) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C7 SN74LVC2G17DRYRG4 Active Production SON (DRY) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C7 Addendum-Page 1 |