| Zakładka z wyszukiwarką danych komponentów |
|
LM339LVDR Arkusz danych(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM339LVDR Arkusz danych(HTML) 37 Page - Texas Instruments |
|
37 / 71 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 9-Oct-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM339LVDR SOIC D 14 3000 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM339LVDYYR SOT-23- THIN DYY 14 3000 330.0 12.4 4.8 3.6 1.6 8.0 12.0 Q3 LM339LVPWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339LVPWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM339LVRTER WQFN RTE 16 3000 330.0 12.4 3.3 3.3 1.1 8.0 12.0 Q2 LM393LVDDFR SOT-23- THIN DDF 8 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 LM393LVDGKR VSSOP DGK 8 2500 330.0 12.4 5.25 3.35 1.25 8.0 12.0 Q1 LM393LVDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM393LVDSGR WSON DSG 8 3000 180.0 8.4 2.3 2.3 1.15 4.0 8.0 Q2 LM393LVDSGRG4 WSON DSG 8 3000 180.0 8.4 2.3 2.3 1.15 4.0 8.0 Q2 LM393LVPWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 TL331LVDBVR SOT-23 DBV 5 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 TL391LVDBVR SOT-23 DBV 5 3000 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 Pack Materials-Page 1 |