| Zakładka z wyszukiwarką danych komponentów |
|
ICS4002AI01L Arkusz danych(PDF) 3 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS4002AI01L Arkusz danych(HTML) 3 Page - Integrated Device Technology |
|
3 / 14 page ![]() ICS844002I-01 FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER 3 ICS844002AGI-01 REV. C SEPTEMBER 28, 2007 Absolute Maximum Ratings NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. DC Electrical Characteristics Table 3A. Power Supply DC Characteristics, VDD = VDDA = VDDO = 2.5V ± 5%, TA = -40°C to 85°C Table 3B. LVCMOS/LVTTL DC Characteristics, VDD = VDDA = VDDO = 2.5V ± 5%, TA = -40°C to 85°C Item Rating Supply Voltage, VDD 4.6V Inputs, VI -0.5V to VDD + 0.5V Outputs, IO Continuous Current Surge Current 10mA 15mA Package Thermal Impedance, θ JA 73.2 °C/W (0 lfpm) Storage Temperature, TSTG -65 °C to 150°C Symbol Parameter Test Conditions Minimum Typical Maximum Units VDD Core Supply Voltage 2.375 2.5 2.625 V VDDA Analog Supply Voltage 2.375 2.5 2.625 V VDDO Output Supply Voltage 2.375 2.5 2.625 V IDD Power Supply Current 98 mA IDDA Analog Supply Current 12 mA IDDO Output Supply Current 98 mA Symbol Parameter Test Conditions Minimum Typical Maximum Units VIH Input High Voltage 2.5V 1.7 VDD + 0.3 V VIL Input Low Voltage 2.5V -0.3 0.7 V IIH Input High Current REF_CLK, MR, FSEL0, FSEL1, PLL_SEL, XTAL_SEL VDD = VIN = 2.625V 150 µA IIL Input Low Current REF_CLK, MR, FSEL0, FSEL1, PLL_SEL, XTAL_SEL VDD = 2.625V, VIN = 0V -5 µA |