Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4040AECT-2.0 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części LM4040AECT-2.0
Szczegółowy opis  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040AECT-2.0 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button LM4040AECT-2.0 Datasheet HTML 4Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 5Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 6Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 7Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 8Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 9Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 10Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 11Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Table 4. SOT23-3L mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.89
1.12
A1
0.013
0.10
A2
0.88
0.95
1.2
b
0.37
0.50
b1
0.37
0.40
0.45
c
0.085
0.18
c1
0.085
0.16
D
2.80
2.90
3.04
E
2.10
2.64
E1
1.20
1.30
1.40
e
0.95 BSC
e1
1.90 BSC
L
0.28
0.38
0.48
L1
0.55 REF
L2
R
0.05
R1
0.05
Ө
0°
8°
s
0.45
0.60
Figure 13. SOT23-3L recommended footprint
LM4040
SOT23-3L package information
DS13886 - Rev 2
page 8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22