| Zakładka z wyszukiwarką danych komponentów |
|
XIO2001IPNP.A Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP.A Arkusz danych(HTML) 4 Page - Texas Instruments |
|
4 / 145 page ![]() REVISION DATE REVISION NUMBER REVISION COMMENTS 9/2014 I Changed pin F10 From: VDD_15 To: VDD_15_PLL in the ZGU package Changed pin F11 From: VDD_15 To: VDD_15_PLL in the ZAJ package Changed pin 84 From: VDDA_15 To: VDD_15_PLL in the PNP package Changed the pin name from VDD_15_PULL to VDD_15_PLL in the Pin Functions table. Changed PCIR description in the Pin Functions table From: "Connect this terminals to the secondary PCI bus..." To: "Connect each one of these terminals to the secondary PCI bus.." Deleted text from the LOCK pin description in the Pin Functions table: "when bit 12 (LOCK_EN) is set in the general control register (see Section 8.4.66)." Changes from Revision I (September 2014) to Revision J (January 2021) Page • NOTE: The device in the MicroStar Jr. BGA packaging were redesigned using a laminate nFBGA package. This nFBGA package offers datasheet-equivalent electrical performance. It is also footprint equivalent to the MicroStar Jr. BGA. The new package designator in place of the discontinued package designator will be updated throughout the datasheet......................................................................................................................1 • Changed u*jr ZGU to nFBGA ZWS.................................................................................................................... 1 • Changed u*jr ZGU to nFBGA ZWS.................................................................................................................... 1 • Changed u*jr ZGU to nFBGA ZWS.................................................................................................................... 8 • Changed PCIE RX max abs in the Section 6.1 table From: 0.6 to 1.2............................................................. 15 • Changed u*jr ZGU to nFBGA ZWS Thermal Model and Corrected ZGU to ZAJ part numbers....................... 16 XIO2001 SCPS212J – MAY 2009 – REVISED JANUARY 2021 www.ti.com 4 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: XIO2001 |