| Zakładka z wyszukiwarką danych komponentów |
|
TL072ACDR.A Arkusz danych(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL072ACDR.A Arkusz danych(HTML) 37 Page - Texas Instruments |
|
37 / 89 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Nov-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL071CP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL071CP TL071CPE4 Active Production PDIP (P) | 8 50 | TUBE - Call TI Call TI 0 to 70 TL071CPSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T071 TL071CPSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T071 TL071HIDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 T71V TL071HIDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T71V TL071HIDBVRG4 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T71V TL071HIDBVRG4.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T71V TL071HIDCKR Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1IO TL071HIDCKR.A Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1IO TL071HIDR Active Production SOIC (D) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 TL071D TL071HIDR.A Active Production SOIC (D) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 TL071D TL071IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDR1G4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDR1G4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TL071I TL071IDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -40 to 85 TL071IP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TL071IP TL071IP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TL071IP TL072ACDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACDRE4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL072ACP TL072ACP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL072ACP TL072ACPE4 Active Production PDIP (P) | 8 50 | TUBE - Call TI Call TI 0 to 70 TL072ACPS Active Production SO (PS) | 8 80 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T072A TL072ACPS.A Active Production SO (PS) | 8 80 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T072A TL072BCD Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 072BC TL072BCDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 072BC Addendum-Page 2 |