| Zakładka z wyszukiwarką danych komponentów |
|
TL072ACPS.A Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL072ACPS.A Arkusz danych(HTML) 1 Page - Texas Instruments |
|
1 / 89 page ![]() TL07xx Low-Noise, FET-Input Operational Amplifiers 1 Features • High slew rate: 20V/μs (TL07xH, typ) • Low offset voltage: 1mV (TL07xH, typ) • Low offset voltage drift: 2μV/°C • Low power consumption: 940μA/ch (TL07xH, typ) • Wide common-mode and differential voltage ranges – Common-mode input voltage range includes VCC+ • Low input bias and offset currents • Low noise: – Vn = 37nV/√Hz (typ) at f = 1kHz • Output short-circuit protection • Low total harmonic distortion: 0.003% (typ) • Wide supply voltage: – ±2.25V to ±20V, 4.5V to 40V 2 Applications • Solar energy: string and central inverter • Motor drives: ac and servo drive control and power-stage modules • Single-phase online UPS • Three-phase UPS • Pro audio mixers • Battery test equipment 3 Description The TL071H, TL072H, and TL074H (TL07xH) family of devices are next-generation versions of the industry-standard TL071, TL072, and TL074 (TL07x) devices. These devices provide outstanding value for cost-sensitive applications, with features including low offset (1mV, typical), high slew rate (20V/μs), and common-mode input to the positive supply. High ESD (1.5kV, HBM), integrated EMI and RF filters, and operation across the full –40°C to +125°C range enable the TL07xH devices for use in the most rugged and demanding applications. Device Information PART NUMBER(1) CHANNEL COUNT PACKAGE TL071x Single D (SOIC, 8) DBV (SOT-23, 5) DCK (SC70, 5) P (PDIP, 8) PS (SO, 8) TL072x Dual D (SOIC, 8) DDF (SOT-23-THIN, 8) P (PDIP, 8) PS (SO, 8) PW (TSSOP, 8) TL072M(2) Dual FK (LCCC, 20) JG (CDIP, 8) U (CFP, 10) TL074x Quad D (SOIC, 14) DB (SSOP, 14) DYY (SOT-23-THIN, 14) N (PDIP, 14) NS (SOP, 14) PW (TSSOP, 14) TL074M(2) Quad FK (LCCC, 20) J (CDIP, 14) W (CFP, 14) (1) For more information, see Section 11. (2) Devices with M suffix have an extended temperature range of –55°C to +125°C. TL071 for PS Package (SO, 8) Only + − IN+ IN OUT + − IN+ IN OUT OFFSET N1 OFFSET N2 TL071 (Each Amplifier) TL072 (Each Amplifier) TL074 (Each Amplifier) Logic Symbols TL071, TL071A, TL071B, TL071H TL072, TL072A, TL072B, TL072H, TL072M TL074, TL074A, TL074B, TL074H, TL074M SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Podobny numer części - TL072ACPS.A |
|
Podobny opis - TL072ACPS.A |