| Zakładka z wyszukiwarką danych komponentów |
|
GS300T48-5E Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
GS300T48-5E Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 6 page ![]() ELECTRICAL CHARACTERISTICS (Tamb =25 °C unless otherwise specified) Symbol Parameter Test Conditions Min Typ Max Unit Vi Input Voltage Vo = 5.075V Io = 0 to 30A (Operating Conditions) 38 48 60 VDC Viuv Input Undervoltage Lockout Io = 0 to 60A 29 36 V li Average Input Current Vi = 48V Io = 60A 7.8 A lipk Inrush Transient Peak Current Vi = 60V Io = 60A 0.3 A 2s lir Reflected Input Current Vi = 48V Io = 60A BW = 5Hz to 20MHz (see fig. 2) 30 mApp Vien Enable Input Voltage Vi = 38 to 60V Io = 0 to 60A 0 1.2 V lien Enable Input Current Vi = 38 to 60V Io = 0 to 60A Vien =0V –1 mA Viinh Max Inhibit Voltage Vi = 38 to 60V Io = 0 to 60A Vien = open 818 V Pi Input Power Vi = 38 to 60V Io = 0A (No Load) 1.5 2 W Vo Total Output Voltage Regulation Vi = 38 to 60V Io = 0 to 60A 4.490 5.075 5.210 V Vost Short-term Output Voltage Regulation Vi = 38 to 60V Io = 0 to 60A 5.002 5.075 5.148 V Vots Total Static Output Voltage Regulation Vi = 38 to 60V Io = 0 to 60A 4.970 5.075 5.180 V Vol Output Overvoltage Limit Initiation Vi = 38 to 60V Io = 0 to 60A 6.3 V Vor Output Ripple Voltage Vi = 38 to 60V Io = 60A BW = 0 to 20 Mhz 50 mVpp Von Output Noise Voltage Vi = 38 to 60V Io = 60A BW = 0 to 20 Mhz 100 mVpp ∆Vo Total Remote Sense Compensation Vi = 38 to 60V 0.6 V δVo Peak Load Transient Response Vi = 48V δIo = 10A slope = 0.1A/ µs 100 mVp Io Output Current Vi = 38 to 60V Vo =5V 060 A Iol Overcurrent Limit Initiation Vi = 48V 63 A Iosc Shortcircuit Output Current Vi = 48V 69 A ts Load Transient Setting Time Vi = 48V δIo = 10A slope = 0.1A/ µs 250 µs ton Turn-on Time Vi = 38 to 60V Io = 0 to 60A Vien = from high to low 10 ms Vi = 0 to 60V Io = 0 to 60A Vien = low 10 Vis Isolation Voltage 500 V fs Switching Frequency Vi = 38 to 60V Io = 0 to 60A 160 180 200 kHz η Efficiency Vi = 38 to 60V Io = 60A 80 81 % Rth Thermal Resistance Case to Ambient 5.2 °C/W Tcop Operating Case Temperature Range* 0 +70 °C Tstg Storage Temperature Range – 40 +105 °C * Thermal intervention @ Tcop =85 °C 2/6 GS300T48-5 |