| Zakładka z wyszukiwarką danych komponentów |
|
TL431ACLPR Arkusz danych(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431ACLPR Arkusz danych(HTML) 23 Page - Texas Instruments |
|
23 / 85 page ![]() 9 Applications and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information As this device has many applications and setups, there are many situations that this datasheet can not characterize in detail. The linked application notes will help the designer make the best choices when using this part. Application note Understanding Stability Boundary Conditions Charts in TL431, TL432 Data Sheet (SLVA482) will provide a deeper understanding of this devices stability characteristics and aid the user in making the right choices when choosing a load capacitor. Application note Setting the Shunt Voltage on an Adjustable Shunt Regulator (SLVA445) assists designers in setting the shunt voltage to achieve optimum accuracy for this device. 9.2 Typical Applications 9.2.1 Comparator With Integrated Reference + 2.5V CATHODE ANODE REF VIN Vout Vsup Rsup R1 R2 VL RIN Figure 9-1. Comparator Application Schematic www.ti.com TL431, TL432 SLVS543S – AUGUST 2004 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: TL431 TL432 |