| Zakładka z wyszukiwarką danych komponentów |
|
TL431BQLPR.A Arkusz danych(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431BQLPR.A Arkusz danych(HTML) 38 Page - Texas Instruments |
|
38 / 85 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL431BCDBZTG4.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T3G3 TL431BCDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 T2U TL431BCDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 T2U TL431BCDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 T2U TL431BCDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-1-260C-UNLIM 0 to 70 T2U TL431BCDE4 Active Production SOIC (D) | 8 75 | TUBE - Call TI Call TI 0 to 70 TL431BCDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T431B TL431BCDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T431B TL431BCLP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 70 T431B TL431BCLP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 70 T431B TL431BCLPR Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type 0 to 70 T431B TL431BCLPR.A Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type 0 to 70 T431B TL431BCPK Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR 0 to 70 4C TL431BCPK.A Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR 0 to 70 4C TL431BID Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 Z431B TL431BID.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 Z431B TL431BIDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3FG, T3FJ, T3FU) TL431BIDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 (T3FG, T3FJ, T3FU) TL431BIDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3FG, T3FJ, T3FU) TL431BIDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 (T3FG, T3FJ, T3FU) TL431BIDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3F3, T3FG, T3FS, T3FU) TL431BIDBZR.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 (T3F3, T3FG, T3FS, T3FU) TL431BIDBZRG4 Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 T3F3 TL431BIDBZRG4.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 T3F3 TL431BIDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3F3, T3FG, T3FS, T3FU) Addendum-Page 5 |