Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GSCC-8507BC Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części GSCC-8507BC
Szczegółowy opis  BATTERY CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GSCC-8507BC Arkusz danych(HTML) 1 Page - STMicroelectronics

  GSCC-8507BC Datasheet HTML 1Page - STMicroelectronics GSCC-8507BC Datasheet HTML 2Page - STMicroelectronics GSCC-8507BC Datasheet HTML 3Page - STMicroelectronics GSCC-8507BC Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSCC-8.507BC
BATTERY CHARGER
June 1994
1/4
Type
Vi
Vo
Io
GSCC-8.507BC
10.8 to 16 V
8.5 V
700 mA
FEATURES
Charge of NiCd or NiMH batteries
Switch mode constant current generation
Three level charging current (fast, trickle, zero
charging current)
Overcharge detection by -
∆ V and ∆T/∆t under
internal microprocessor control
No discharge of the battery when charger is
turned off
Initial trickle charge for deeply discharged batter-
ies
Maximum battery voltage protection
Maximum battery temperature protection
Timer back up protection
Output short circuit protection
Detection of fault battery
Charge status displayed by LED
DESCRIPTION
The GSCC-8.507BC is a high efficiency battery charger for IN CAR application to be used with 5 cell
NiCd or NiMH batteries.
Two versions of the INPUT PLUG ADAPTOR are available:
WASHER TIP VERSION:
GSCC-8.507BC-E (Ordering Number)
SPRING-LOADED TIP VERSION:
GSCC-8.507BC-A (Ordering Number)
(See pag. 3 for mechanical data)


Podobny numer części - GSCC-8507BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
More results

Podobny opis - GSCC-8507BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
Smart Battery Charger
logo
New Japan Radio
NJM2337 NJRC-NJM2337 Datasheet
129Kb / 6P
Battery Charger IC
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
Fast Battery Charger
25th Aug 94
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com