| Zakładka z wyszukiwarką danych komponentów |
|
ADA4356ABCZ Arkusz danych(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4356ABCZ Arkusz danych(HTML) 58 Page - Analog Devices |
|
58 / 61 page ![]() Data Sheet ADA4356 analog.com Rev. 0 58 of 61 Table 22.Register 0x21 Options SERIALIZATION OPTIONS SELECTED REGISTER 0x21 CONTENTS SERIAL OUTPUT NUMBER of BITS (SONB) FRAME MODE SERIAL DATA MODE DCO MULTIPLIER TIMING DIAGRAM 0x30 16-bit 1× DDR 2-lane byte wise 4 × fS See Figure 6 (default setting). 0x20 16-bit 1× DDR 2-lane bit wise 4 × fS See Figure 6. 0x10 16-bit 1× SDR 2-lane byte wise 8 × fS See Figure 6. 0x00 16-bit 1× SDR 2-lane bit wise 8 × fS See Figure 6. 0x34 16-bit 2× DDR 2-lane byte wise 4 × fS See Figure 8. 0x24 16-bit 2× DDR 2-lane bit wise 4 × fS See Figure 8. 0x14 16-bit 2× SDR 2-lane byte wise 8 × fS See Figure 8. 0x04 16-bit 2× SDR 2-lane bit wise 8 × fS See Figure 8. 0x40 16-bit 1× DDR 1-lane word wise 8 × fS See Figure 10. 0x32 12-bit 1× DDR 2-lane byte wise 3 × fS See Figure 7. 0x22 12-bit 1× DDR 2-lane bit wise 3 × fS See Figure 7. 0x12 12-bit 1× SDR 2-lane byte wise 6 × fS See Figure 7. 0x02 12-bit 1× SDR 2-lane bit wise 6 × fS See Figure 7. 0x36 12-bit 2× DDR 2-lane byte wise 3 × fS See Figure 9. 0x26 12-bit 2× DDR 2-lane bit wise 3 × fS See Figure 9. 0x16 12-bit 2× SDR 2-lane byte wise 6 × fS See Figure 9. 0x06 12-bit 2× SDR 2-lane bit wise 6 × fS See Figure 9. 0x42 12-bit 1× DDR 1-lane word wise 6 × fS See Figure 11. |