| Zakładka z wyszukiwarką danych komponentów |
|
TMS320VC33 Arkusz danych(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Arkusz danych(HTML) 27 Page - Texas Instruments |
|
27 / 59 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 27 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 PARAMETER MEASUREMENT INFORMATION timing parameter symbology Timing parameter symbols used herein were created in accordance with JEDEC Standard 100. In order to shorten the symbols, some of the pin names and other related terminology have been abbreviated as follows, unless otherwise noted: Lowercase subscripts and their meanings Letters and symbols and their meanings a access time H High c cycle time (period) L Low d delay time V Valid dis disable time Z High Impedance en enable time ffall time h hold time r rise time su setup time t transition time v valid time w pulse duration (width) x unknown, changing, or don’t care level Additional symbols and their meaning A Address lines (A23--A0) H H1 and H3 ASYNCH Asynchronous reset signals (XF0, XF1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, TCLK0, and TCLK1) HOLD HOLD CLKX CLKX0 HOLDA HOLDA CLKR CLKR0 IACK IACK CONTROL Control signals INT INT3--INT0 D Data lines (D31--D0) PAGE PAGE0--PAGE3 DR DR RDY RDY DX DX RW R/W EXTCLK EXTCLK RW R/W FS FSX/R RESET RESET FSX FSX0 S STRB FSR FSR0 SCK CLKX/R GPI General-purpose input SHZ SHZ GPIO General-purpose input/output; peripheral pin (CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, TCLK0, and TCLK1) TCLK TCLK0, TCLK1, or TCLKx GPO General-purpose output XF XF0, XF1, or XFx H1 H1 XF0 XF0 H3 H3 XF1 XF1 XIN XIN |