| Zakładka z wyszukiwarką danych komponentów |
|
TMUX1237 Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMUX1237 Arkusz danych(HTML) 8 Page - Texas Instruments |
|
8 / 32 page ![]() 8 TMUX1237 SCDS424A – DECEMBER 2019 – REVISED MARCH 2020 www.ti.com Product Folder Links: TMUX1237 Submit Documentation Feedback Copyright © 2019–2020, Texas Instruments Incorporated Electrical Characteristics (VDD = 3.3 V ±10 %), GND = 0 V unless otherwise specified. (continued) At TA = 25°C, VDD = 3.3 V (unless otherwise noted). PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT DYNAMIC CHARACTERISTICS tTRAN Switching time between channels VS = 2 V RL = 200 Ω, CL = 15 pF 25°C 14 ns –40°C to +85°C 20 ns –40°C to +125°C 22 ns tOPEN (BBM) Break before make time VS = 2 V RL = 200 Ω, CL = 15 pF 25°C 70 ns –40°C to +85°C 1 ns –40°C to +125°C 1 ns QC Charge Injection VS = VDD/2 RS = 0 Ω, CL = 1 nF 25°C –6 pC OISO Off Isolation RL = 50 Ω, CL = 5 pF f = 1 MHz Refer to Off Isolation 25°C –65 dB RL = 50 Ω, CL = 5 pF f = 10 MHz Refer to Off Isolation 25°C –45 dB XTALK Crosstalk RL = 50 Ω, CL = 5 pF f = 1 MHz Refer to Crosstalk 25°C –65 dB RL = 50 Ω, CL = 5 pF f = 10 MHz Refer to Crosstalk 25°C –45 dB BW Bandwidth RL = 50 Ω, CL = 5 pF Refer to Bandwidth 25°C 375 MHz CSOFF Source off capacitance f = 1 MHz 25°C 9 pF CSON CDON On capacitance f = 1 MHz 25°C 23 pF |