| Zakładka z wyszukiwarką danych komponentów |
|
TPS2000C Arkusz danych(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2000C Arkusz danych(HTML) 26 Page - Texas Instruments |
|
26 / 50 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Nov-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) 905X0205100 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 VBYQ TPS2000CDGK Active Production VSSOP (DGK) | 8 80 | TUBE Yes NIPDAUAG | SN Level-2-260C-1 YEAR -40 to 125 PXFI TPS2000CDGK.B Active Production VSSOP (DGK) | 8 80 | TUBE Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 PXFI TPS2000CDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU | SN | NIPDAUAG Level-2-260C-1 YEAR -40 to 125 PXFI TPS2000CDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 PXFI TPS2000CDGN Active Production HVSSOP (DGN) | 8 80 | TUBE Yes NIPDAU | NIPDAUAG Level-2-260C-1 YEAR -40 to 125 BCMS TPS2000CDGN.A Active Production HVSSOP (DGN) | 8 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 BCMS TPS2000CDGN.B Active Production HVSSOP (DGN) | 8 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 BCMS TPS2000CDGNR Active Production HVSSOP (DGN) | 8 2500 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-2-260C-1 YEAR -40 to 125 BCMS TPS2000CDGNR.A Active Production HVSSOP (DGN) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 BCMS TPS2000CDGNR.B Active Production HVSSOP (DGN) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 BCMS TPS2001CDGK Active Production VSSOP (DGK) | 8 80 | TUBE Yes NIPDAUAG | SN Level-2-260C-1 YEAR -40 to 125 PXGI TPS2001CDGK.B Active Production VSSOP (DGK) | 8 80 | TUBE Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 PXGI TPS2001CDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU | SN | NIPDAUAG Level-2-260C-1 YEAR -40 to 125 PXGI TPS2001CDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 PXGI TPS2001CDGN Active Production HVSSOP (DGN) | 8 80 | TUBE Yes NIPDAU | NIPDAUAG Level-2-260C-1 YEAR -40 to 125 VBWQ TPS2001CDGN.A Active Production HVSSOP (DGN) | 8 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 VBWQ TPS2001CDGN.B Active Production HVSSOP (DGN) | 8 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 VBWQ TPS2001CDGNR Active Production HVSSOP (DGN) | 8 2500 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-2-260C-1 YEAR -40 to 125 VBWQ TPS2001CDGNR.A Active Production HVSSOP (DGN) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 VBWQ TPS2001CDGNR.B Active Production HVSSOP (DGN) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 VBWQ TPS2041CDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 PYJI TPS2041CDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 PYJI TPS2041CDBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 PYJI TPS2041CDBVRG4 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 PYJI TPS2041CDBVRG4.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 PYJI TPS2041CDBVRG4.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 PYJI TPS2041CDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 PYJI Addendum-Page 1 |