| Zakładka z wyszukiwarką danych komponentów |
|
CY8C5268PVC-LP Arkusz danych(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C5268PVC-LP Arkusz danych(HTML) 5 Page - Infineon Technologies AG |
|
5 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 4 of 139 PSoC® 5LP: CY8C58LP Family Datasheet 1. Architectural Overview Introducing the CY8C58LP family of ultra low power, flash Programmable System-on-Chip (PSoC) devices, part of a scalable 8-bit PSoC 3 and 32-bit PSoC 5LP platform. The CY8C58LP family provides configurable blocks of analog, digital, and interconnect circuitry around a CPU subsystem. The combination of a CPU with a flexible analog subsystem, digital subsystem, routing, and I/O enables a high level of integration in a wide variety of consumer, industrial, and medical applications. Figure 1-1. Simplified Block Diagram Figure 1-1 illustrates the major components of the CY8C58LP family. They are: Arm Cortex-M3 CPU subsystem Nonvolatile subsystem Programming, debug, and test subsystem Inputs and outputs Clocking Power Digital subsystem Analog subsystem PSoC’s digital subsystem provides half of its unique configurability. It connects a digital signal from any peripheral to any pin through the digital system interconnect (DSI). It also provides functional flexibility through an array of small, fast, low power UDBs. PSoC Creator provides a library of pre-built and tested standard digital peripherals (UART, SPI, LIN, PRS, CRC, timer, counter, PWM, AND, OR, and so on) that are mapped to the UDB array. You can also easily create a digital circuit using boolean primitives by means of graphical design entry. Each UDB contains programmable array logic (PAL)/programmable logic device (PLD) functionality, together with a small state machine engine to support a wide variety of peripherals. Digital Filter Block LCD Direct Drive CapSense Temperature Sensor 4 x Opamp + - ADCs 4x DAC 1 x Del Sig ADC 4 x SC / CT Blocks (TIA, PGA, Mixer etc) 4 x CMP + - Program Debug& Trace Boundary Scan Program & Debug Cortex M3CPU Interrupt Controller PHUB DMA Cache Controller SRAM FLASH EEPROM EMIF Digital Interconnect Analog Interconnect 0. 5 to5.5 V ( Optional) 4- 25 MHz ( Optional) Xtal Osc 32.768 KHz ( Optional) RTC Timer IMO WDT and Wake ILO Clocking System 1.8 V LDO SMP POR and LVD Sleep Power Power Management System USB PHY 3 per Opamp 2 x SAR ADC I2C Master/ Slave Universal Digital Block Array (24 x UDB) 4 x Timer Counter PWM FS USB 2.0 UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UDB UART Logic 12- Bit PWM I2C Slave 8- Bit SPI 12- Bit SPI Logic 8- Bit Timer 16- Bit PRS UDB 8- Bit Timer Quadrature Decoder 16- Bit PWM UDB UDB UDB UDB UDB UDB UDB UDB 22 Ω Memory System CPU System Analog System System Bus Digital System System Wide Resources CAN 2.0 |