Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCF4029B Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części HCF4029B
Szczegółowy opis  BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4029B Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button HCF4029B Datasheet HTML 4Page - STMicroelectronics HCF4029B Datasheet HTML 5Page - STMicroelectronics HCF4029B Datasheet HTML 6Page - STMicroelectronics HCF4029B Datasheet HTML 7Page - STMicroelectronics HCF4029B Datasheet HTML 8Page - STMicroelectronics HCF4029B Datasheet HTML 9Page - STMicroelectronics HCF4029B Datasheet HTML 10Page - STMicroelectronics HCF4029B Datasheet HTML 11Page - STMicroelectronics HCF4029B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
APPLICATIONS
Conversion of Clock up, Clock Down Input Sig-
nals to Clock and Up/Down Inputs Signals.
Cascading Counter Packages.
The HCC/HCF4029B CLOCK and UP/DOWN in-
puts are used directly in most applications. In appli-
cations where CLOCK UP and CLOCK DOWN
inputs
are
provided,
conversion
to
the
HCC/HCF4029B CLOCK and UP/DOWN inputs
can easily be realized by use of the circuit.
HCC/HCF4029B changes count on positive transi-
tions of CLOCK UP or CLOCK DOWN inputs. For
the gate configuration shown below, when counting
up the CLOCK DOWN input must be maintained
high and conversely when counting down the
CLOCK UP input must be maintained high.
*
CARRY-OUT lines at the 2nd, 3rd, et., stages may have a negative-going glitch pulse resulting from differential delays of different
HCC/HCF4029B IC’s. These negative-going glitches do not affect proper HCC/HCF4029B operation. However, if the CARRY-OUT signals
are used to trigger other edge-sensitive logic devices, such as FF’s or counters, the CARRY-OUT signals should be gated with the clock signal
using a 2-input NOR gate such as HCC/HCF4001B.
Ripple Clocking Mode : The Up/Down control can be changed at any count. The only restriction on changing the Up/Down control is that the
clock input to the first counting stage must be high.
HCC/HCF4029B
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13