| Zakładka z wyszukiwarką danych komponentów |
|
LMC1005TP-40NJ Arkusz danych(PDF) 4 Page - ABCO ELECTRONICS CO.LTD |
|
|
|||||||||||||||||||||||||||||
LMC1005TP-40NJ Arkusz danych(HTML) 4 Page - ABCO ELECTRONICS CO.LTD |
|
4 / 4 page ![]() 35 Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use. Odering code1 Inductance2 Tolerance3 Q4 SRF Min5 Rdc Max6 Idc Max7 900MHz 1.7GHz (nH) (%) (min.) (MHZ) ( Ω) (mA) L Typ Q Typ L Typ Q Typ LMC 1005 1. How to order LM C 1005 TP 1N0 J (1) (2) (3) (4) (5) (6) (1) Part name (2) Material (3) Body size (4) TP: Taping (5) Inductance Ex: 1N0(1.0nH), 7N5(7.5nH), 47N(47nH) (6) Inductance Tol. 2. Inductance measured: RF LCR METER(HP4287A) + 16197A fixture 3. G= ± 2%, J= ± 5%, K= ± 10% 4. Q measured: RF LCR METER(Agilent4287A) + 16197A fixture 5. SRF measured: NETWORK ANALYZER(HP8753D) + ABCO SMD-D test fixture 6. Rdc measured: RF LCR METER(HP4287A) + 16197A fixture 7. For 15 ˚C Rise 100 110 90 80 70 60 50 40 30 20 10 12N 5N6 19N 27N 1N0 19N 27N 1N0 12N 5N6 80 100 140 120 40 20 60 0 Frequency(MHz) 10 1 100 1000 10000 Frequency(MHz) 10 1 100 1000 10000 0 ●Q vs F Characteristic ●L vs F Characteristic ■ELECTRICAL CHARACTERISTICS LMC 1005TP- 1N0J,K LMC 1005TP- 1N5J,K LMC 1005TP- 1N8J,K LMC 1005TP- 2N0J,K LMC 1005TP- 2N2J,K 1.0 @ 250MHz 1.5 @ 250MHz 1.8 @ 250MHz 2.0 @ 250MHz 2.2 @ 250MHz ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 9 13 15 16 14 6000 6000 6000 6000 6000 0.080 0.040 0.050 0.070 0.070 1.02 1.49 1.74 1.93 2.19 77 42 46 54 59 1.02 1.50 1.74 1.93 2.23 69 58 64 75 100 1360 1260 1060 1040 960 LMC 1005TP- 2N3J,K LMC 1005TP- 2N7J,K LMC 1005TP- 3N3J,K LMC 1005TP- 3N6J,K LMC 1005TP- 3N9J,K 2.3 @ 250MHz 2.7 @ 250MHz 3.3 @ 250MHz 3.6 @ 250MHz 3.9 @ 250MHz ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 10 10 19 19 19 6000 6000 6000 6000 5800 0.090 0.220 0.066 0.066 0.066 2.28 2.69 3.10 3.56 3.89 37 29 65 45 50 2.32 2.80 3.12 3.62 4.00 45 39 87 71 75 800 520 840 840 840 LMC 1005TP- 4N7J,K LMC 1005TP- 5N1J,K LMC 1005TP- 5N6J,K LMC 1005TP- 6N2J,K LMC 1005TP- 7N5J,K 4.7 @ 250MHz 5.1 @ 250MHz 5.6 @ 250MHz 6.2 @ 250MHz 7.5 @ 250MHz ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 20 20 20 20 22 5800 5800 5800 5800 5800 0.070 0.083 0.083 0.083 0.104 4.71 5.15 5.16 6.16 7.91 56 56 54 52 60 5.25 5.25 5.28 6.37 8.22 80 80 81 76 88 800 800 760 760 680 LMC 1005TP- 8N2J,K LMC 1005TP- 9N0J,K LMC 1005TP- 10NJ,K LMC 1005TP- 11NJ,K LMC 1005TP- 12NJ,K 8.2 @ 250MHz 9 @ 250MHz 10 @ 250MHz 11 @ 250MHz 12 @ 250MHz ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 22 22 21 24 24 4400 4160 3900 3680 3600 0.104 0.130 0.130 0.120 0.160 8.50 9.70 9.80 10.7 11.9 57 62 50 52 53 8.85 9.53 10.1 11.2 12.7 84 78 67 78 71 680 680 480 640 640 LMC 1005TP- 15NJ,K LMC 1005TP- 16NJ,K LMC 1005TP- 18NJ,K LMC 1005TP- 19NJ,K LMC 1005TP- 20NJ,K 15 @ 250MHz 16 @ 250MHz 18 @ 250MHz 19 @ 250MHz 20 @ 250MHz ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 24 24 24 24 24 3280 3200 3100 3040 2950 0.172 0.210 0.190 0.260 0.270 14.6 16.2 18.8 19.1 20.6 55 54 56 50 52 15.5 19.1 21.4 21.1 24.2 77 59 65 67 56 560 530 520 480 450 LMC 1005TP- 23NJ,K LMC 1005TP- 24NJ,K LMC 1005TP- 27NJ,K LMC 1005TP- 30NJ,K LMC 1005TP- 33NJ,K 23 @ 250MHz 24 @ 250MHz 27 @ 250MHz 30 @ 250MHz 33 @ 250MHz ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 24 24 24 24 24 2720 2580 2480 2400 2700 0.280 0.350 0.330 0.400 0.480 23.8 26.3 28.7 31.2 35.5 49 50 49 49 50 26.9 32.8 33.5 42.0 47.0 64 50 63 58 50 400 380 400 350 300 LMC 1005TP- 36NJ,K LMC 1005TP- 39NJ,K LMC 1005TP- 40NJ,K LMC 1005TP- 47NJ,K LMC 1005TP- 51NJ,K 36 @ 250MHz 39 @ 250MHz 40 @ 250MHz 47 @ 250MHz 51 @ 250MHz ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 ± 5, 10 24 24 24 20 23 2320 2260 2240 2210 2180 0.403 0.490 0.550 0.830 0.850 39.5 41.0 39.0 50.0 60.5 44 46 44 38 44 48.4 49.5 47.4 - - 53 40 33 - - 320 320 320 150 120 LMC 1005TP- 56NJ,K LMC 1005TP- 68NJ,K LMC 1005TP- 82NJ,K 56 @ 250MHz 68 @ 250MHz 82 @ 250MHz ± 5, 10 ± 5, 10 ± 5, 10 22 22 20 2160 2020 1940 1.250 1.520 1.630 65.1 78.8 97.8 42 40 37 - - - - - - 100 92 84 |