Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCF4033BF Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części HCF4033BF
Szczegółowy opis  7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4033BF Arkusz danych(HTML) 3 Page - STMicroelectronics

  HCF4033BF Datasheet HTML 1Page - STMicroelectronics HCF4033BF Datasheet HTML 2Page - STMicroelectronics HCF4033BF Datasheet HTML 3Page - STMicroelectronics HCF4033BF Datasheet HTML 4Page - STMicroelectronics HCF4033BF Datasheet HTML 5Page - STMicroelectronics HCF4033BF Datasheet HTML 6Page - STMicroelectronics HCF4033BF Datasheet HTML 7Page - STMicroelectronics HCF4033BF Datasheet HTML 8Page - STMicroelectronics HCF4033BF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FUNCTIONAL DIAGRAMS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD*
Supply Voltage : HCC Types
HCF Types
– 0.5 to + 20
– 0.5 to + 18
V
V
Vi
Input Voltage
– 0.5 to VDD + 0.5
V
II
DC Input Current (any one input)
± 10
mA
Ptot
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package-temperature Range
200
100
mW
mW
Top
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
Tstg
Storasge Temperature
– 65 to + 150
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage : HCC Types
HC F Types
3to 18
3to 15
V
V
VI
Input Voltage
0 to VDD
V
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
4026B
4033B
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec-
tions of this specifi cation is not implied. Exposure to absolute maximum rating conditions for external periods may affect device
reliability.
* All voltages values are referred to VSS pin voltage.
HCC/HCF4026B/4033B
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15