| Zakładka z wyszukiwarką danych komponentów |
|
HCC4041UB Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4041UB Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() SCHEMATIC DIAGRAM STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions) Test Conditions Value V I V O |I O |V DD T Lo w* 25 °CT Hi g h * Symbol Parameter (V) (V) ( µA) (V) Min. Max. Min. Typ. Max. Min. Max. Unit I L Quiescent Current HCC Types 0/ 5 5 1 0.02 1 30 µA 0/10 10 2 0.02 2 60 0/15 15 4 0.02 4 120 0/20 20 20 0.04 20 600 HCF Types 0/ 5 5 4 0.02 4 30 0/10 10 8 0.02 8 60 0/15 15 16 0.02 16 120 VOH Output High Voltage 0/ 5 < 1 5 4.95 4.95 4.95 V 0/10 < 1 10 9.95 9.95 9.95 0/15 < 1 15 14.95 14.95 14.95 VOL Output Low Voltage 5/0 < 1 5 0.05 0.05 0.05 V 10/0 < 1 10 0.05 0.05 0.05 15/0 < 1 15 0.05 0.05 0.05 VIH Input High Voltage 0.5/4.5 < 1 5 4 4 4 V 1/9 < 1 10 8 8 8 1.5/13.5 < 1 15 12.5 12.5 12.5 *TLow =– 55 °Cfor HCC device : – 40°Cfor HCF device. *THigh = + 125 °Cfor HCC device : + 85°Cfor HCF device. The Noise Margin for both ”1” and ” 0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V. HCC/HCF4041UB 3/12 |