| Zakładka z wyszukiwarką danych komponentów |
|
PD69104B1/F Arkusz danych(PDF) 4 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD69104B1/F Arkusz danych(HTML) 4 Page - Microsemi Corporation |
|
4 / 36 page ![]() 4-Port PoE Manager Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0 1 1 Revision History The revision history describes the changes that were implemented in the document. The changes are listed by revision, starting with the most current publication. 1.1 Revision 2.0 Revision 2.0 was published in March 2018. The following is a summary of the changes in revision 2.0 of this document. The ordering information table was updated. For more information about the ordering information, see . Ordering Information (see page 32) Mode of operation was modified. for more information, see . Mode of Operation (see page 6) LED information in 4 pair pin modes were updated. For more information, see Table 4 (see page 13) . 1.2 Revision 1.5 Revision 1.5 was published in November 2015. The following is a summary of the changes in revision 1.5 of this document. The 4 pair mode pin was updated. For more information, see . Table 4 (see page 13) The serial EEPROM load mechanism section was updated. For more information, see Serial EEPROM . Load Mechanism (see page 27) 1.3 Revision 1.4 Revision 1.4 was published in July 2015. In revision 1.4 of this document, the typical application section was updated. For more information, see . Typical Application (see page 3) 1.4 Revision 1.3 Revision 1.3 was published in November 2013. The following is a summary of changes in revision 1.3 of this document. The current set signal was updated. For more information, see . Table 4 (see page 13) The LED description in 4 pair mode information was updated. For more information, see Table 4 (see . page 13) 1.5 Revision 1.2 Revision 1.2 was published in June 2013. In revision 1.2 of this document, general updates were added. 1.6 Revision 1.1 Revision 1.1 was published in March 2013. In revision 1.1 of this document, full-temperature range P/N information was added. 1.7 Revision 1.0 Revision 1.0 was published in December 2012. It was the first publication of this document. |