| Zakładka z wyszukiwarką danych komponentów |
|
HCF4089B Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4089B Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 13 page ![]() DYNAMIC ELECTRICAL CHARACTERISTICS (continued ) Test Conditions Val ue Symbol Parameter V DD (V) Min. Typ. Max. Unit t THL,tTLH Transition Time 5 100 200 ns 10 50 100 15 40 80 f CL Maximum Clock Frequency 5 1.2 2.4 MHz 10 2.5 5 15 3.5 7 t W Clock Pulse Width 5 330 165 ns 10 170 85 15 100 50 t r,tf Clock Rise or Fall Time 5 15 µs 10 15 15 15 t W Set or Clear Pulse Width 5 160 80 ns 10 90 45 15 60 30 t se tu p Inhibit Input Setup Time, High Level to Low Level 5 100 50 ns 10 40 20 15 20 10 t R Inhibit, Input Removal Time 5 240 120 ns 10 130 65 15 110 55 t R Minimum Set Removal Time 5 150 75 ns 10 80 40 15 50 25 t R Clear Removal Time 5 60 30 ns 10 40 20 15 30 15 HCC/HCF4089B 7/13 |