| Zakładka z wyszukiwarką danych komponentów |
|
HCF4052B Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4052B Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 17 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit V DD* Supply Voltage : HC C Types HCF Types – 0.5 to + 20 – 0.5 to + 18 V V Vi Input Voltage – 0.5 to VDD + 0.5 V I I DC Input Current (any one input) ± 10 mA Pto t Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package-temperature Range 200 100 mW mW T op Operating Temperature : HCC Types HCF Types – 55 to + 125 –40 to + 85 °C °C T stg Storage Temperature – 65 to + 150 °C RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VDD Supply Voltage : HC C Types HCF Types 3to 18 3to 15 V V VI Input Voltage 0 to VDD V T op Operating Temperature : HCC Types HCF Types – 55 to + 125 –40 to + 85 °C °C Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec- tions of this specifi cation is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage. Inhibit Aor B or C 0 0 ax or bx or cx 0 1 ay or by or cy 1 X None FUNCTIONAL DIAGRAMS AND TRUTH TABLES (continued) 4053 X = Don’t care. HCC/HCF4051B/52B/53B 3/17 |